Part Number Hot Search : 
LM33905 CXD2424R T54FC FR240 LTC1863L BL8068 AN531 13600
Product Description
Full Text Search
 

To Download I02-801-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICE Components, Inc.
Voice: 800.729.2099 Fax: 678.560.9304
cust.serv@icecomp.com www.icecomponents.com
High Current Power Inductor
Features
* High Saturation Current to 60A * DCR as low as 0.60m * High Energy Storage in a Compact Package * Lower DCR than similar Toroid Design
I02 Series
Applications
* Desktop CPUs * Servers * VRMs * DC/DC Converters
Packaging: Tray =130 pieces, Box = 16 trays, Box = 2080 pieces Mechanical
Suggested PCB layout
Schematic



Top View Electrical Specifications Part Number I02-221-1 I02-351-1 I02-451-1 I02-601-1 I02-801-1 I02-102-1 I02-132-1 I02-152-1 I02-182-1 Inductance1
(uH, +/-10%)
Side View
unit: mm
DCR (m)
Typ. Max.
Isat5
(A)
Idc6
(A) X
Dimensions
Y Z
0.22 0.35 0.45 0.60 0.80
1.0 1.3 1.5
1.8
0.45 0.45 1.10 1.10 2.10 2.10 2.55 2.55 2.55
0.60 0.60 1.45 1.45 2.40 2.40 3.00 3.00 3.00
60+ 55 50 45 44 35 34 25 20
45 45 29 29 23 23 19 19 19
12.5 12.5 12.7 12.7 10.0 10.0 11.0 11.0 11.0
16.0 16.0 15.7 15.7 13.0 13.0 14.0 14.0 14.0
2.2 2.2 1.6 1.6 1.3 1.3 1.3 1.3 1.3
1. Tested at 100 kHz, 0.1Vrms, 0 Adc bias. 2. Electrical specifications at 25C. 3. Operating range: -40C to +125C. 4. Meets UL 94V-0. 5. Idc is DC current required to produce a temperature rise of 40C. 6. Isat is the DC current required to reduce the nominal inductance by 15%. 7. RoHS compliant parts.
Specifications subject to change without notice.
(10/06) I02-1


▲Up To Search▲   

 
Price & Availability of I02-801-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X